Part Number Hot Search : 
HCT244 0NM60 PTZ30B LS395 TA8210AH IRLHM630 40NF10 IRLHM630
Product Description
Full Text Search
 

To Download B7NB60FD Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  1/11 june 2003 stgp7nb60fd - stgB7NB60FD n-channel 7a - 600v to-220 / d 2 pak powermesh? igbt n high input impedance n low on-voltage drop (v cesat ) n off losses include tail current n low gate charge n high current capability n high frequency operation n co-packaged with turboswitch? antiparallel diode description using the latest high voltage technology based on a patented strip layout, stmicroelectronics has de- signed an advanced family of igbts, the power- mesh? igbts, with outstanding perfomances. the suffix "f" identifies a family optimized to achieve very low switching switching times for high frequency applications (<40khz) applications n motor controls n smps and pfc and both hard switch and resonant topologies ordering information type v ces v ce(sat) (max) @25c i c @100c stgp7nb60fd stgB7NB60FD 600 v 600 v <2.4 v <2.4 v 7a 7a sales type marking package packaging stgp7nb60fd gp7nb60fd to-220 tube stgB7NB60FDt4 gB7NB60FD d 2 pa k tape & reel to-220 1 2 3 d 2 pak 1 3 internal schematic diagram
stgp7nb60fd - stgB7NB60FD 2/11 absolute maximum ratings (  ) pulse width limited by safe operating area thermal data electrical characteristics (t case = 25 c unless otherwise specified) off on (1) symbol parameter value unit v ces collector-emitter voltage (v gs =0) 600 v v ge gate-emitter voltage 20 v i c collector current (continuous) at t c = 25c 14 a i c collector current (continuous) at t c = 100c 7a i cm (  ) collector current (pulsed) 56 a p tot total dissipation at t c = 25c 80 w derating factor 0.64 w/c t stg storage temperature C 55 to 150 c t j max. operating junction temperature 150 c rthj-case thermal resistance junction-case max 1.56 c/w rthj-amb thermal resistance junction-ambient max 62.5 c/w symbol parameter test conditions min. typ. max. unit v br(ces) collector-emitter breakdown voltage i c = 250 a, v ge =0 600 v i ces collector cut-off (v ge =0) v ce = max rating, t c =25c 50 a v ce = max rating, t c = 125 c 100 a i ges gate-emitter leakage current (v ce =0) v ge =20v,v ce = 0 100 na symbol parameter test conditions min. typ. max. unit v ge(th) gate threshold voltage v ce =v ge ,i c = 250 a 35v v ce(sat) collector-emitter saturation voltage v ge =15v,i c =7a 2.0 2.4 v v ge =15v,i c =7a,tj=125c 1.6 v
3/11 stgp7nb60fd - stgB7NB60FD electrical characteristics (continued) dynamic switching on switching off collector-emitter diode note: 1. pulsed: pulse duration = 300 s, duty cycle 1.5 %. 2. pulse width limited by max. junction temperature. (**)losses include also the tail (jedec standardization) symbol parameter test conditions min. typ. max. unit g fs (1) forward transconductance v ce =25v,ic=7a 6s c ies input capacitance v ce =25v,f=1mhz,v ge =0 540 pf c oes output capacitance 80 pf c res reverse transfer capacitance 13 pf q g q ge q gc total gate charge gate-emitter charge gate-collector charge v ce =480v,i c =7a, v ge = 15v 37 4 18 50 nc nc nc i cl latching current v clamp = 480 v tj = 125c , r g =10 w 28 a symbol parameter test conditions min. typ. max. unit t d(on) t r turn-on delay time rise time v cc = 480 v, i c =7ar g =10 w , v ge =15v 17 6 ns ns (di/dt) on eon turn-on current slope turn-on switching losses v cc = 480 v, i c =7ar g =10 w v ge = 15 v,tj =125c 890 59 a/s j symbol parameter test conditions min. typ. max. unit t c cross-over time v cc = 480 v, i c =7a, r g =10 w ,v ge =15v 190 ns t r (v off ) off voltage rise time 45 ns t d ( off ) delay time 107 ns t f fall time 140 ns e off (**) turn-off switching loss 240 m j e ts total switching loss 300 m j t c cross-over time v cc = 480 v, i c =7a, r g =10 w ,v ge =15v tj = 125 c 410 ns t r (v off ) off voltage rise time 195 ns t d ( off ) delay time 204 ns t f fall time 650 ns e off (**) turn-off switching loss 565 m j e ts total switching loss 625 m j symbol parameter test conditions min. typ. max. unit i f i fm forward current forward current pulsed 7 56 a a v f forward on-voltage i f = 3.5 a i f = 3.5 a, tj = 125 c 1.4 1.1 1.9 v v t rr q rr i rrm reverse recovery time reverse recovery charge reverse recovery current i f =7a,v r =40v, tj =125c, di/dt = 100 a/ m s 50 70 2.7 ns nc a
stgp7nb60fd - stgB7NB60FD 4/11 gate threshold vs temperature collector-emitter on voltage vs collector current normalized collector-emitter on voltage vs temp. transconductance transfer characteristics output characteristics
5/11 stgp7nb60fd - stgB7NB60FD total switching losses vs collector current total switching losses vs temperature total switching losses vs gate resistance gate charge vs gate-emitter voltage capacitance variations normalized breakdown voltage vs temperature
stgp7nb60fd - stgB7NB60FD 6/11 turn-off soa emitter-collector diode characteristics thermal impedance for to-220/d2pak
7/11 stgp7nb60fd - stgB7NB60FD fig. 2: test circuit for inductive load switching fig. 1: gate charge test circuit
stgp7nb60fd - stgB7NB60FD 8/11 dim. mm. inch min. typ max. min. typ. max. a 4.40 4.60 0.173 0.181 b 0.61 0.88 0.024 0.034 b1 1.15 1.70 0.045 0.066 c 0.49 0.70 0.019 0.027 d 15.25 15.75 0.60 0.620 e 10 10.40 0.393 0.409 e 2.40 2.70 0.094 0.106 e1 4.95 5.15 0.194 0.202 f 1.23 1.32 0.048 0.052 h1 6.20 6.60 0.244 0.256 j1 2.40 2.72 0.094 0.107 l 13 14 0.511 0.551 l1 3.50 3.93 0.137 0.154 l20 16.40 0.645 l30 28.90 1.137 ?p 3.75 3.85 0.147 0.151 q 2.65 2.95 0.104 0.116 to-220 mechanical data
9/11 stgp7nb60fd - stgB7NB60FD 1 dim. mm. inch min. typ max. min. typ. max. a 4.4 4.6 0.173 0.181 a1 2.49 2.69 0.098 0.106 a2 0.03 0.23 0.001 0.009 b 0.7 0.93 0.027 0.036 b2 1.14 1.7 0.044 0.067 c 0.45 0.6 0.017 0.023 c2 1.23 1.36 0.048 0.053 d 8.95 9.35 0.352 0.368 d1 8 0.315 e 10 10.4 0.393 e1 8.5 0.334 g 4.88 5.28 0.192 0.208 l 15 15.85 0.590 0.625 l2 1.27 1.4 0.050 0.055 l3 1.4 1.75 0.055 0.068 m 2.4 3.2 0.094 0.126 r 0.4 0.015 v2 0o 4o d 2 pak mechanical data 3
stgp7nb60fd - stgB7NB60FD 10/11 tape and reel shipment (suffix t4)* tube shipment (no suffix)* d 2 pak footprint * on sales type dim. mm inch min. max. min. max. a 330 12.992 b 1.5 0.059 c 12.8 13.2 0.504 0.520 d 20.2 0795 g 24.4 26.4 0.960 1.039 n 100 3.937 t 30.4 1.197 base qty bulk qty 1000 1000 reel mechanical data dim. mm inch min. max. min. max. a0 10.5 10.7 0.413 0.421 b0 15.7 15.9 0.618 0.626 d 1.5 1.6 0.059 0.063 d1 1.59 1.61 0.062 0.063 e 1.65 1.85 0.065 0.073 f 11.4 11.6 0.449 0.456 k0 4.8 5.0 0.189 0.197 p0 3.9 4.1 0.153 0.161 p1 11.9 12.1 0.468 0.476 p2 1.9 2.1 0.075 0.082 r 50 1.574 t 0.25 0.35 0.0098 0.0137 w 23.7 24.3 0.933 0.956 tape mechanical data
11/11 stgp7nb60fd - stgB7NB60FD information furnished is believed to be accurate and reliable. however, stmicroelectronics assumes no responsibility for the consequences of use of such information nor for any infringement of patents or other rights of third parties which may result f rom its use. no license is granted by implication or otherwise under any patent or patent rights of stmicroelectronics. specificati ons mentioned in this publication are subject to change without notice. this publication supersedes and replaces all information previously supplied. stmicroelectronics products are not authorized for use as critical components in life support devices or systems without express written approval of stmicroelectronics. ? the st logo is a registered trademark of stmicroelectronics ? 2003 stmicroelectronics - printed in italy - all rights reserved stmicroelectronics group of companies australia - brazil - canada - china - finland - france - germany - hong kong - india - israel - italy - japan - malaysia - malt a - morocco singapore - spain - sweden - switzerland - united kingdom - united states. ? http://www.st.com


▲Up To Search▲   

 
Price & Availability of B7NB60FD

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X